PART |
Description |
Maker |
FUF2005 FUF2007 FUF2006 FUF2004 FUF2003 FUF2002 FU |
50 V, 2 A glass passivated ultrafast recovery rectifier 100 V, 2 A glass passivated ultrafast recovery rectifier 200 V, 2 A glass passivated ultrafast recovery rectifier 400 V, 2 A glass passivated ultrafast recovery rectifier 800 V, 2 A glass passivated ultrafast recovery rectifier 1000 V, 2 A glass passivated ultrafast recovery rectifier 600 V, 2 A glass passivated ultrafast recovery rectifier RECTIFIER DIODE, DO-15 Ultrafast Recovery Rectifiers 超快恢复二极
|
Fagor International Rectifier, Corp. Vishay Intertechnology, Inc.
|
ES3A-ES3J ES3D ES3J ES3G ES3B |
Glass Superfast Recovery Rectifiers SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
|
HY ELECTRONIC CORP. http://
|
5ST125-R 5STP400-R 5STP160-R 5ST5-R 5STP3.15-R 5ST |
Fuses, RoHS 125mA 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 0.125A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 400mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 160mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.16A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 5A 250V T IEC GLASS 5X20 Fuses, RoHS 3.15A 250V T IEC GLASS LEAD Fuses, RoHS 125mA 250V T IEC GLASS LEAD Fuses, RoHS 63mA 250V T IEC GLASS LEAD Fuses, RoHS 630mA 250V T IEC GLASS LEAD Fuses, RoHS 5A 250V T IEC GLASS LEAD Fuses, RoHS 800mA 250V T IEC GLASS 5X20
|
Bel Fuse, Inc. BEL FUSE INC
|
60S05-13 |
6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts Glass Passivated Chip
|
Micro Commercial Compon...
|
5MT1 5MTP1.6-R 5MT200-R 5MTP3.5-R |
Fuses, RoHS 3.5A 125V M UL GLASS LEAD Fuses, 1A 250V M UL GLASS 5X20 Fuses, RoHS 1.6A 250V M UL GLASS LEAD MEDIUM BLOW ELECTRIC FUSE, 1.6A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 200mA 250V M UL GLASS 5X20 MEDIUM BLOW ELECTRIC FUSE, 0.2A, 125VAC, 10000A (IR), INLINE/HOLDER
|
BEL FUSE INC Bel Fuse, Inc.
|
RU2GGF RU2JGF RU2AGF RU2BGF RU2DGF |
Ultra Fast Recovery Pack: DO-15 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A (RU2AGF - RU2JGF) SINTERED GLASS JUNCTION
|
Gulf Semiconductor
|
AZ983-1C-12D AZ983-1C-6D AZ983-1C-24D AZ983 AZ983- |
CAPACITOR;GLASS;33PF;5%;300V CAPACITOR, FIXED, GLASS 1000PF /- 5%, 300V T&R / HICV JAPAN - FN RoHS Compliant: No CAP 10PF 200V 200V X7R RAD.20 .20X.20 BULK M-MIL-PRF-39014 80 AMP AUTOMOTIVE RELAY
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers ZETTLER electronics
|
S3K-13 S3MB |
Glass Passivated Die Construction 3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
Diodes Incorporated
|
15KW160 15KW160A 15KW260 15KW260A 15KW240 15KW240A |
160.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 260.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 240.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 220.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 110.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 200.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 280.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 170.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 180.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor
|
MDE Semiconductor
|
LA120X1-1 LA120X1_2-1 LA120X10-1 LA120X15-1 LA120X |
Fuses, 5A 250V F IEC GLASS LEAD LA120X半导体保险丝 Fuses, 3.15A 250V F IEC GLASS 5X20 LA120X Semiconductor Fuses
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
GS1A GS1B GS1D GS1G GS1J GS1K GS1M |
Standard Recovery Pack: SMA SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE拢潞50 TO 1000V CURRENT拢潞 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE?0 TO 1000V CURRENT 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE?0 TO 1000V CURRENT?/a> 1.0A
|
Gulf Semiconductor http://
|